Part Number Hot Search : 
TSM231 2SB1535P DT70N6T ON2778 C847A 600TTS SMCJ10A V285ME10
Product Description
Full Text Search
 

To Download NLE-LR47M508X115F Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Miniature Aluminum Electrolytic Capacitors
LOW LEAKAGE CURRENT AND LONG LIFE ALUMINUM ELECTROLYTIC CAPACITORS, POLARIZED, RADIAL LEADS FEATURES * LOW LEAKAGE CURRENT & LOW NOISE * CLOSE TOLERANCE AVAILABLE (10%) * NEW REDUCED SIZES (Alternate Sizes on Request) CHARACTERISTICS
Rated Working Voltage Range Rated Capacitance Range Operating Temperature Range Capacitance Tolerance Max. Leakage Current After 2 minutes At 20oC Surge Voltage & Dissipation Factor (Tan ) Low Temperature Stability (Impedance Ratio @ 120Hz) Life Test @ 85oC 2,000 Hours for 5-10mm size 4,000 Hours for 12.5mm & over 10 ~ 50Vdc 0.1 ~ 2200F -40oC~+85oC 20% (M), 10% (K) 0.002CV or 0.4A Whichever is greater W.V. (Vdc) S.V. (Vdc) Tan @ 120Hz W.V. (Vdc) Z-20oC/Z+20oC Z-40oC/Z+20oC Capacitance Change Dissipation Factor Leakage Current
NLE-L Series
10 13 0.16 10 2 5
16 25 35 50 20 32 44 63 0.13 0.12 0.10 0.08 16 25 35 50 1.5 1.5 1.5 1.5 4 3 3 3 Within +20% of initial value Less than 200% of specified maximum value Less than specified maximum value
MAXIMUM PERMISSIBLE RIPPLE CURRENT (mA rms AT 120Hz AND 85oC)

MAXIMUM ESR ( AT 120Hz AND 20oC)

(R)
Please review the notes on correct use, safety and precautions found on pages T10 & T11 of NIC's Electrolytic Capacitor catalog. Also found at www.niccomp.com/precautions If in doubt or uncertainty, please review your specific application - process details with NIC's technical support personnel: tpmg@niccomp.com
PRECAUTIONS
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com
55
Miniature Aluminum Electrolytic Capacitors
STANDARD PRODUCT AND CASE SIZE TABLE D x L (mm)

NLE-L Series
LEAD SPACING AND DIAMETER (mm)
Case Dia. (D) Leads Dia. (d) Lead Spacing (F) Dim. 5 0.5 2.0 0.5 6.3 0.5 2.5 0.5 8 0.6 3.5 0.5 10 0.6 5.0 0.5 12.5 0.6 5.0 0.5 16 0.8 7.5 0.5 18 0.8 7.5 0.5 22 0.8 10 1.0
DIMENSIONS (mm)
Polarity Marking
Insulation Sleeve d 0.05
F 0.5
L + max.
15mm Min.
4mm Min.
D
PART NUMBER SYSTEM
NLE-L 1R0 M 50V 5x11 F
RoHS Compliant Size (D x L) Rated Voltage Tolerance Code Capacitance Code
Series
(R)
56
NIC COMPONENTS CORP.
www.niccomp.com
www.lowESR.com
www.RFpassives.com
www.SMTmagnetics.com


▲Up To Search▲   

 
Price & Availability of NLE-LR47M508X115F

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X